PART |
Description |
Maker |
UC3842A UC3843A |
(UC3842A / UC3843A) CURRENT MODE PWM CONTROL CIRCUITS
|
UTC
|
UC2842A UC3842A UC3843A UC2843A |
(UC2842A / UC2843A) HIGH PERFORMANCE CURRENT MODE CONTROLLERS (UC3842A / UC3843A) HIGH PERFORMANCE CURRENT MODE CONTROLLERS
|
Motorola
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
ACS781 ACS781KLRTR-150B-T ACS781LLRTR-100B-T ACS78 |
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 μΩ Current Conductor Core-less, micro-sized, 100 A continuous current package
|
Allegro MicroSystems
|
BZY91C9V1R BZY91 BZY91C10 BZY91C10R BZY91C11 BZY91 |
Standard Recovery Rectifier; Forward Current:150A; Forward Current Avg Rectified, IF(AV):150A; Forward Surge Current Max, Ifsm:3000A; Package/Case:DO-8 (Reverse); Repetitive Reverse Voltage Max, Vrrm:1400V; Current, It av:150A RoHS Compliant: Yes Zeners/Studs 齐纳基准螺栓
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
M5289 M5285 M5293 M5295 M5283 M5304 M5299 M5292 M5 |
Current Limiter Diode 4.3 mA, SILICON, CURRENT REGULATOR DIODE JIGH RELIABILITY CURRENT REGULATOR DIODES JIGH可靠性电流调节二极管 HEADER STRAIGHT 34 WAY HEADER STRAIGHT 60 WAY 5V Adjustable, 10W, CMOS, Step-Up, Switching Regulator Controller HEADER R/A 50 WAY Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits HEADER STRAIGHT 50 WAY HIGH RELIABILITY CURRENT REGULATOR DIODES 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-35
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
GBPC25005W GBPC25010W GBPC2508W GBPC2501W GBPC2502 |
HIGH CURRENT 15/25/35/AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS 18-A, 5-V Input, Non-Isolated Wide-Adjust SIP Module 12-SIP MODULE -40 to 85 HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes) HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
|
Surge Components PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
SKIIP04ACB066V1 |
Large Current 300mA CMOS LDO Regulators; Output voltage (V): 3.1; Output current (mA): 300; Supply voltage (V): 2.5 to 5.5; I/O voltage difference (mV): 60; Ripple rejection (dB): 60; Circuit current (µA): 65; Package: HVSOF6 3-phase bridge inverter
|
Semikron International
|
CR220 CR330 CR390 CR270 CR300 |
Current Regulator Diodes(最大整流电.20mA的电流稳压二极管) Current Regulator Diodes(最大整流电B>3.30mA的电流稳压二极管) Current Regulator Diodes(最大整流电B>3.90mA的电流稳压二极管) Current Regulator Diodes(最大整流电B>2.70mA的电流稳压二极管) Current Regulator Diodes(??ぇ?存??垫悼.00mA???娴?ǔ??????)
|
Vishay Intertechnology,Inc.
|
STK12C68-5S30 STK12C68-5W30 |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:35mA NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
STIP10 STI60 STI80 STI90 STIP805 STIP60 |
SURGE ARRESTER GDT 90V SMD DIODE TVS 9.1V 600W BIDIR 5% SMB TRANSISTOR | BJT | NPN | 900V V(BR)CEO | 1A I(C) | TO-5 DIODE TVS 47V 600W UNIDIR 5% SMB 晶体管|晶体管|叩| 600V的五(巴西)总裁| TO - 39封装 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:10mA; Current, It av:8A; Gate Trigger Current Max, Igt:10mA; Holding Current:15mA RoHS Compliant: Yes
|
|
BD437/D |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:12A; Gate Trigger Current Max, Igt:50mA 塑料中功率硅NPN晶体
|
Crydom, Inc.
|